Part Number Hot Search : 
U3303 HAT2050T ZMM130 CY7C4 ATMEGA88 30010 BH6955GU SRM4010
Product Description
Full Text Search
 

To Download ERJXGNYJ102C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thick Film Chip Resistors
Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
Type:
ERJ XG, 1G, 2G, 3G, 6G, 8G, 14, 12, 12Z, 1T
Small size and lightweight High reliability Metal glaze thick film resistive element and three layers of electrodes Compatible with placement machines Taping packaging available Suitable for both reflow and flow soldering Reference Standards IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
Features
Explanation of Part Numbers
ERJXGN, 1GE, 2GE, 3GE, 6GE, 8GE, 14, 12, 12Z, 1T Series, 5 % type
1 2 3 4 5 6 7 8 9 10 11 12
E
R
J
3
G
E
Y
J
1
0
2
V
Product Code Thick Film Chip Resistors
Size, Power Rating Type : inches Power R. XGN : 01005 0.031 W 0.05 W 1GE : 0201 0.1 W 2GE : 0402 0.1 W 3GE : 0603 0.125 W 6GE : 0805 0.25 W 8GE : 1206 0.5 W 14 : 1210 0.75 W 12 : 1812 0.75 W 12Z : 2010 1W 1T : 2512
Code Y
Nil
Marking Marking Value Marking on black side No marking
Resistance Tolerance Code J 0 Tolerance 5 % Jumper Code Y C X
Packaging Methods Packaging Pressed Carrier Taping 2 mm pitch, 20000 pcs. Pressed Carrier Taping 2 mm pitch, 15000 pcs. Punched Carrier Taping 2 mm pitch, 10000 pcs. Punched Carrier Taping 4 mm pitch
Type ERJXGN ERJ1GE ERJ2GE
Resistance Value The first two digits are significant figures of resistance and the third one denotes number of zeros following. Decimal Point is expressed by R as 4.7 = 4R7. Jumper is expressed by R00.
V
U When omitted, the rest of the P/N factors shall be moved up respectively. (Only XGN, 1GN, 2GE type)
ERJ3GE ERJ6GE ERJ8GE ERJ14 Embossed CarrierTaping ERJ12 4 mm pitch ERJ12Z ERJ1T
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008
Thick Film Chip Resistors
Construction
Protective coating Electrode (Inner) t b Type (inches) ERJXG (01005) ERJ1G (0201) ERJ2G (0402) ERJ3G (0603) ERJ6G (0805) ERJ8G (1206) ERJ14 (1210) ERJ12 (1812) ERJ12Z (2010) ERJ1T (2512) Dimensions (mm) L W a b t Mass (Weight) (g/1000 pcs.) 0.04 0.15 0.8 2 4 10 16 27 27 45
Dimensions in mm (not to scale)
L a W
Alumina substrate
0.40 0.02 0.20 0.02 0.10 0.03 0.10 0.03 0.13 0.02 0.60 0.03 0.30 0.03 0.10 0.05 0.15 0.05 0.23 0.03 1.00 0.05 0.50 0.05 0.20 0.10 0.25 0.05 0.35 0.05 1.60 2.00 3.20 3.20 4.50 5.00 6.40
0.15
Electrode (Between)
0.80 1.25 1.60 2.50 3.20 2.50 3.20
+0.15 -0.05 0.10
0.30 0.40 0.50 0.50 0.50 0.60 0.65
0.20
0.30 0.40 0.50 0.50 0.50 0.60 0.60
0.15
0.45 0.60 0.60 0.60 0.60 0.60 0.60
0.10
0.20
0.20
0.20
0.10
+0.05 -0.20 0.20
+0.05 -0.15 0.20
0.20
0.20
0.10
Thick film resistive element
0.20
0.20
0.10
Electrode (Outer)
0.20
0.20
0.20
0.20
0.10
0.20
0.20
0.20
0.20
0.10
0.20
0.20
0.20
0.20
0.10
Ratings
Type (inches) ERJXG
(01005) (0201)
Limiting Element Maximum Overload Resistance Power Rating (2) Voltage (Maximum Voltage Tolerance at 70 C (W) (1) RCWV) (V) (%) (V) 0.031 0.05 0.1 0.1 0.125 0.25 0.5 0.75 0.75 1 15 25 50 75 150 200 200 200 200 200 30 50 100 150 200 400 400 500 500 500 5 5 5 5 5 5 5 5 5 5 Resistance Range () T.C.R. [ 10 -6 /C (ppm/C)] Category Temperature Range (Operating Temperature Range) (C) -55 to +125 -55 to +125 -55 to +155 -55 to +155 -55 to +155 -55 to +155 -55 to +155 -55 to +155 -55 to +155 -55 to +155
<10 : -100 to +600 4.7 to 1 M (E24) 10 to 100 : 300 100 < : 200 1 to 10 M (E24) <10 : 1 to 10 M (E24) -100 to +600 1 to 10 M (E24) 1 to 10 M (E24) 10 to 1 M : 1 to 10 M (E24) 200 1 to 10 M (E24) 1 to 10 M (E24) 1 to 10 M (E24) 1 M <: -400 to +150 1 to 1 M (E24)
ERJ1G ERJ2G
(0402)
ERJ3G
(0603) (0805) (1206) (1210) (1812)
ERJ6G ERJ8G ERJ14 ERJ12 ERJ12Z
(2010) (2512)
ERJ1T
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Power Rating Resistance Values, or Limiting Element Voltage (max. RCWV) listed above, whichever less. (2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 Power Rating or max. Overload Voltage listed above whichever less.
Type Rated Current Maximum Overload Current (inches) (A) (A) ERJXG (01005) 0.5 1 ERJ1G (0201) ERJ2G (0402) 1 2 ERJ3G (0603) ERJ6G (0805) ERJ8G (1206) ERJ14 (1210) 2 4 ERJ12 (1812) ERJ12Z (2010) ERJ1T (2512)
Power Derating Curve For resistors operated in ambient temperatures above 70 C, power rating shall be derated in accordance with the figure below.
Rated Load (%) -55 C 100 80 70 C 2G, 3G, 6G, 8G, 14, 12, 12Z, 1T
60 40 XG, 1G 155 C 20 125 C 0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 Ambient Temperature (C)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008
Thick Film Chip Resistors
Packaging Methods (Taping)
Standard Quantity Type ERJXG ERJ1G ERJ2G ERJ3G ERJ6G ERJ8G ERJ14 ERJ12 ERJ12Z ERJ1T Kind of Taping Pressed Carrier Taping Pitch (P1) 2 mm Quantity 20000 pcs./reel 15000 pcs./reel 10000 pcs./reel
Punched Carrier Taping 5000 pcs./reel
4 mm Embossed Carrier Taping
4000 pcs./reel
Carrier Tape
Pressed Carrier Punched Carrier Embossed Carrier D0 P1 P2 P0 E
(Unit : mm)
F B T T T A P1 (2 mm pitch) D1 (Only Emboss)
Type ERJXG ERJ1G ERJ2G ERJ3G ERJ6G ERJ8G ERJ14 ERJ12 ERJ12Z ERJ1T
A 0.240.03 0.38 0.05 0.670.05 1.10 0.10 1.650.15 2.00 0.15 2.80 0.20 3.50 0.20 2.80 0.20 3.60 0.20
B W F E P1 P2 P0 D0 0.450.03 0.68 0.05 2.00 0.10 0.05 1.17 8.00 0.20 1.90 0.10 3.50 0.05 0.20 2.50 1.750.10 2.00 0.05 4.00 0.10 1.50+0.10 -0 3.60 0.20 3.50 0.20 8.00 0.30 4.00 0.10 0.20 4.80 5.30 0.20 12.00 0.30 5.50 0.20 6.90 0.20
W
T 0.310.05 0.420.05 0.520.05 0.70 0.05 0.840.05
D1 - - - - - - 1.0+0.10 -0 1.5 min.
1.00 0.10
Taping Reel
T
(Unit : mm)
C B
A
W
Type ERJXG ERJ1G ERJ2G ERJ3G ERJ6G ERJ8G ERJ14 ERJ12 ERJ12Z ERJ1T
A
B
C
W
T
9.0 1.0 180.0 +0 60 min. 13.0 1.0 -3.0
11.41.0
13.0 1.0
15.42.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Feb. 2006
Thick Film Chip Resistors
Recommended Land Pattern
In case of flow soldering, the land width must be smaller than the Chip Resistor width to control the solder amount properly. Generally, the land width should be 0.7 to 0.8 times (W) of the width of chip resistor. In case of reflow soldering, solder amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W). Dimensions (mm) Type (inches) a b c Chip Resistor
ERJXG (01005) ERJ1G (0201) ERJ2G (0402) ERJ3G (0603) ERJ6G (0805) ERJ8G (1206) ERJ14(1210) ERJ12(1812) ERJ12Z(2010) ERJ1T(2512) 0.15 to 0.20 0.3 to 0.4 0.5 to 0.6 0.7 to 0.9 1 to 1.4 2 to 2.4 2 to 2.4 3.3 to 3.7 3.6 to 4 5 to 5.4 0.5 to 0.7 0.8 to 0.9 1.4 to 1.6 2 to 2.2 3.2 to 3.8 4.4 to 5 4.4 to 5 5.7 to 6.5 6.2 to 7 7.6 to 8.6 0.20 to 0.25 0.25 to 0.35 0.4 to 0.6 0.8 to 1 0.9 to 1.4 1.2 to 1.8 1.8 to 2.8 2.3 to 3.5 1.8 to 2.8 2.3 to 3.5
a b
Recommended Soldering Conditions
Recommendations and precautions are described below. Recommended soldering conditions for reflow * Reflow soldering shall be performed a maximum of two times. * Please contact us for additional information when used in conditions other than those specified. * Please measure the temperature of the terminals and study every kind of solder and printed circuit board for solderability before actual use.
Peak Temperature Preheating Heating
c
For soldering (Example : Sn/Pb) Preheating Main heating Peak Temperature 140 C to 160 C Above 200 C 235 5 C Time 60 s to 120 s 30 s to 40 s max. 10 s
For lead-free soldering (Example : Sn/Ag/Cu) Temperature Time Preheating 150 C to 180 C 60 s to 120 s Main heating Above 230 C 30 s to 40 s Peak max. 260 C max. 10 s
Time
Recommended soldering conditions for flow For soldering Temperature Time 140 C to 180 C 60 s to 120 s 245 5 C 20 s to 30 s For lead-free soldering Temperature Time 150 C to 180 C 60 s to 120 s max. 260 C max. 10 s
Preheating Soldering
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors shown on page ER2 of this catalog. 1. Take measures against mechanical stress during and after mounting of Thick Film Chip Resistors (hereafter called the resistors) so as not to damage their electrodes and protective coatings. 2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations of the resistors when installed in your products before use. Never exceed the rated power. Otherwise, the performance and/or reliability of the resistors may be impaired. 3. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the resistors' performance and/or reliability. 4. When soldering with a soldering iron, never touch the resistors' bodies with the tip of the soldering iron. When using a soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 C max.). 5. As the amount of applied solder becomes larger, the mechanical stress applied to the resistors increases, causing problems such as cracks and faulty characteristics. Avoid applying an excessive amount of solder. 6. Do not apply shock to the resistors or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the resistors' protective coatings and bodies may be chipped, affecting their performance. 7. Avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Feb. 2006
Safety Precautions (Common precautions for Fixed Resistors)
* When using our products, no matter what sort of equipment they might be used for, be sure to make a written agreement on the specifi cations with us in advance. The design and specifi cations in this catalog are subject to change without prior notice. * Do not use the products beyond the specifications described in this catalog. * This catalog explains the quality and performance of the products as individual components. Before use, check and evaluate their operations when installed in your products. * Install the following systems for a failsafe design to ensure safety if these products are to be used in equipment where a defect in these products may cause the loss of human life or other significant damage, such as damage to vehicles (au to mo bile, train, vessel), traffi c lights, medical equipment, aerospace equipment, elec tric heating appliances, combustion/gas equipment, rotating equipment, and disaster/crime prevention equipment. Systems equipped with a protection circuit and a protection device Systems equipped with a redundant circuit or other system to prevent an unsafe status in the event of a single fault (1) Precautions for use * These products are designed and manufactured for general and stan dard use in general elec tron ic equipment (e.g. AV equipment, home electric ap plianc es, offi ce equipment, information and com mu ni cation equipment) * These products are not intended for use in the following special conditions. Before using the products, carefully check the effects on their quality and performance, and determine whether or not they can be used. 1. In liquid, such as water, oil, chemicals, or organic solvent 2. In direct sunlight, outdoors, or in dust 3. In salty air or air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2 4. Electric Static Discharge (ESD) Environment These components are sensitive to static electricity and can be damaged under static shock (ESD). Please take measures to avoid any of these environments. Smaller components are more sensitive to ESD environment. 5. Electromagnetic Environment Avoid any environment where strong electromagnetic waves exist. 6. In an environment where these products cause dew condensation 7. Sealing or coating of these products or a printed circuit board on which these products are mounted, with resin or other materials * These products generate Joule heat when energized. Carefully position these products so that their heat will not affect the other components. * Carefully position these products so that their temperatures will not exceed the category temperature range due to the effects of neighboring heat-generating components. Do not mount or place heat-generating components or inflammables, such as vinyl-coated wires, near these products . * Note that non- cleaning solder, halogen-based highly active fl ux, or water-soluble fl ux may deteriorate the performance or reliability of the products. * Carefully select a fl ux cleaning agent for use after soldering. An unsuitable agent may deteriorate the performance or reliability. In particular, when using water or a water-soluble cleaning agent, be careful not to leave water residues. Otherwise, the insulation performance may be deteriorated. (2) Precautions for storage The performance of these products, including the solderability, is guaranteed for a year from the date of arrival at your company, provided that they remain packed as they were when delivered and stored at a temperature of 5 C to 35 C and a relative humidity of 45 % to 85 %. Even within the above guarantee periods, do not store these products in the following conditions. Otherwise, their electrical performance and/or solderability may be deteriorated, and the packaging materials (e.g. taping materials) may be deformed or deteriorated, resulting in mounting failures. 1. In salty air or in air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2 2. In direct sunlight
Package markings include the product number, quantity, and country of origin. In principle, the country of origin should be indicated in English.
Oct. 2007
- ER3 -


▲Up To Search▲   

 
Price & Availability of ERJXGNYJ102C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X